Part Number Hot Search : 
MUR1030E 40000 C100B AT49F080 89400 BCM91160 USD4040S 0N60B
Product Description
Full Text Search
 

To Download 8ETU04PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8ETU04PBF
Vishay High Power Products
Ultrafast Rectifier, 8 A FRED PtTM
FEATURES
* Ultrafast recovery time
Base cathode 2
* Low forward voltage drop * Low leakage current * 175 C operating junction temperature * Lead (Pb)-free ("PbF" data sheet) * Designed and qualified for industrial level
Pb-free Available
RoHS*
COMPLIANT
TO-220AC
1 Cathode
3 Anode
DESCRIPTION/APPLICATIONS
FRED PtTM series are the state of the art ultrafast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultrafast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, dc-to-dc converters as well as freewheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr IF(AV) VR 60 ns 8A 400 V
ABSOLUTE MAXIMUM RATINGS
PARAMETER Repetitive peak reverse voltage Average rectified forward current Non-repetitive peak surge current Repetitive peak forward current Operating junction and storage temperatures SYMBOL VRRM IF(AV) IFSM IFRM TJ, TStg TC = 155 C TC = 25 C TEST CONDITIONS VALUES 400 8 100 16 - 65 to 175 C A UNITS V
ELECTRICAL SPECIFICATIONS (TJ = 25 C unless otherwise specified)
PARAMETER Breakdown voltage, blocking voltage Forward voltage SYMBOL VBR, VR VF IR CT LS IR = 100 A IF = 8 A IF = 8 A, TJ = 150 C VR = VR rated TJ = 150 C, VR = VR rated VR = 400 V Measured lead to lead 5 mm from package body TEST CONDITIONS MIN. 400 TYP. 1.19 0.94 0.2 20 14 8.0 MAX. 1.3 1.0 10 500 A pF nH V UNITS
Reverse leakage current Junction capacitance Series inductance
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94030 Revision: 08-Apr-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1
8ETU04PBF
Vishay High Power Products
Ultrafast Rectifier, 8 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 C unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS IF = 1.0 A, dIF/dt = 50 A/A, VR = 30 V Reverse recovery time trr TJ = 25 C TJ = 125 C Peak recovery current IRRM Qrr TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C IF = 8 A dIF/dt = 200 A/s VR = 200 V MIN. TYP. 35 43 67 2.8 6.3 60 210 MAX. 60 A ns UNITS
Reverse recovery charge
nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Thermal resistance, junction to case Thermal resistance, junction to ambient Thermal resistance, case to heatsink Weight Mounting torque Marking device Case style TO-220AC SYMBOL RthJC RthJA RthCS Typical socket mount Mounting surface, flat, smooth and greased TEST CONDITIONS MIN. 6.0 (5.0) TYP. 1.8 0.5 2.0 0.07 8ETU04 MAX. 2 50 12 (10) g oz. kgf * cm (lbf * in) C/W UNITS
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94030 Revision: 08-Apr-08
8ETU04PBF
Ultrafast Rectifier, 8 A FRED PtTM
100 1000
Vishay High Power Products
IR - Reverse Current (A)
100 10 1 0.1 0.01 0.001 0.0001
TJ = 175 C TJ = 150 C TJ = 125 C TJ = 100 C
IF - Instantaneous Forward Current (A)
10
1
TJ = 175 C TJ = 150 C TJ = 25 C
TJ = 25 C
0.1 0 0.5 1.0 1.5 2.0 2.5
0
100
200
300
400
VF - Forward Voltage Drop (V)
Fig. 1 - Typical Forward Voltage Drop Characteristics
VR - Reverse Voltage (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
1000
CT - Junction Capacitance (pF)
100
TJ = 25 C
10 0 100 200 300 400
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
ZthJC - Thermal Impedance (C/W)
10
1
PDM t1 t2
0.1
Single pulse (thermal resistance) 0.01 0.00001 0.0001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 0.001 0.01
Notes: 1. Duty factor D = t1/t2 . 2. Peak TJ = PDM x ZthJC + TC 0.1
.
1
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 94030 Revision: 08-Apr-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
8ETU04PBF
Vishay High Power Products
180
Ultrafast Rectifier, 8 A FRED PtTM
90 80 VR = 200 V TJ = 125 C TJ = 25 C
Allowable Case Temperature (C)
170 DC 70
Square wave (D = 0.50) Rated VR applied 150
trr (ns)
160
60 50 40
140 See note (1) 130 0 2 4 6 8 10 12 30 20 100
IF = 16 A IF = 8 A
1000
IF(AV) - Average Forward Current (A)
Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current
dIF/dt (A/s)
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
14
500 450 400 VR = 200 V TJ = 125 C TJ = 25 C IF = 16 A IF = 8 A
Average Power Loss (W)
12 10 8 6 4 2 0 0 2 4 6 8 10 12 DC
350 D = 0.01 D = 0.02 D = 0.05 D = 0.10 D = 0.20 D = 0.50
Qrr (nC)
RMS limit
300 250 200 150 100 50 0 100
1000
IF(AV) - Average Forward Current (A)
Fig. 6 - Forward Power Loss Characteristics
dIF/dt (A/s)
Fig. 8 - Typical Stored Charge vs. dIF/dt
(1)
Note Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94030 Revision: 08-Apr-08
8ETU04PBF
Ultrafast Rectifier, 8 A FRED PtTM
VR = 200 V
Vishay High Power Products
0.01 L = 70 H D.U.T.
dIF/dt adjust
D G IRFP250 S
Fig. 9 - Reverse Recovery Parameter Test Circuit
(3)
IF
0
trr ta tb
Qrr
(2)
(4)
IRRM
0.5 IRRM dI(rec)M/dt (5) 0.75 IRRM
(1) dIF/dt (1) dIF/dt - rate of change of current through zero crossing (2) IRRM - peak reverse recovery current (3) trr - reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current. (4) Qrr - area under curve defined by trr and IRRM Qrr = trr x IRRM 2
(5) dI(rec)M/dt - peak rate of change of current during tb portion of trr
Fig. 10 - Reverse Recovery Waveform and Definitions
Document Number: 94030 Revision: 08-Apr-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
8ETU04PBF
Vishay High Power Products
ORDERING INFORMATION TABLE
Ultrafast Rectifier, 8 A FRED PtTM
Device code
8
1
E
2
T
3
U
4
04
5
PbF
6
1 2 3 4 5 6
-
Current rating (8 = 8 A) E = Single diode Package: T = TO-220
-
U = Ultrafast recovery Voltage rating (04 = 400 V) None = Standard production PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
LINKS TO RELATED DOCUMENTS Dimensions Part marking information http://www.vishay.com/doc?95221 http://www.vishay.com/doc?95224
www.vishay.com 6
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94030 Revision: 08-Apr-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 8ETU04PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X